Part Number Hot Search : 
703W0004 P1300ZA ZMY36G EG1260 C0402 ZMY36G 10TFIR20 VG573
Product Description
Full Text Search
 

To Download TTL-232R-3V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
Future Technology Devices International Ltd.
TTL-232R USB to TTL Serial Converter Cable
The TTL-232R is a USB to TTL serial converter cable incorporating FTDI's FT232RQ USB - Serial UART interface IC device, the latest device to be added to FTDI's range of USB UART interface Integrated Circuit Devices. It is designed to allow for a fast, simple way to connect devices with a TTL level serial interface to USB. The FT232RQ chip used by the TTL-232R is housed within the USB `A' connector. A 1.8 (6 foot) meter cable is terminated with a 6 way 0.1" pitch header socket which provides access to the transmit (Tx), receive (Rx), RTS#, and CTS#, as well as VCC (5V out) and GND. The FT232R is a USB to serial UART interface with optional clock generator output, and the new FTDIChip-IDTM security dongle feature. In addition, asynchronous and synchronous bit bang interface modes are available. USB to serial interface designs using the FT232R have been further simplified by fully integrating the external EEPROM, clock circuit and USB resistors onto the device.
Copyright (c) Future Technology Devices International Ltd. 2006
1. Features
* * * * * * * * * * * TTL-232R Converter Cable provides a USB to TTL Serial header interface (6 way, 0.1" pitch). On board FT232RQ provides single chip USB to asynchronous serial data transfer interface. Entire USB protocol handled on the FT232RQ chip - No USB-specific firmware programming required. Connect directly to a microcontroller UART or I/O pins UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity. Fully assisted hardware (RTS#/CTS#) or X-On / XOff software handshaking. Data transfer rates from 300 baud to 3 Megabaud at TTL levels. 5V CMOS drive outputs and 5V safe TTL inputs makes the TTL-232R easy to interface to 5V MCU's. FTDI's royalty-free VCP allow for communication as a standard COM port and D2XX `direct' drivers provide DLL application programming interface. In-built support for event characters and line break condition. Support for FT232R FTDIChip-IDTM feature.
Page 2
1.1 Hardware Features
* * * * * * * * * * * * * * * *
256 byte receive buffer and 128 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput. FIFO receive and transmit buffers for high data throughput. Adjustable receive buffer timeout. Integrated 1024 bit internal EEPROM for storing custom USB VID, PID, serial number and product description strings. Device supplied preprogrammed with unique USB serial number. Support for USB suspend and resume. Cable supply voltage comes from USB - no external supply required. 5V output allow devices to be powered from the USB port. 6 way 0.1" header connector (Tx, Rx, RTS#, CTS#, Vcc, and GND) Low USB bandwidth consumption. UHCI / OHCI / EHCI host controller compatible USB 2.0 Full Speed compatible. -40C to +85C operating temperature range. Connect to a PC via USB `A' plug on 1.80 meter (6 foot) cable. A 3.3V TTL I/O version is also availalable (TTL232R-3V3) Custom versions also available (subject to MOQ).
Royalty-Free VIRTUAL COM PORT (VCP) DRIVERS for... * Windows 98, 98SE, ME, 2000, Server 2003, XP. * Windows Vista / Longhorn* * Windows XP 64-bit. * Windows XP Embedded. * Windows CE.NET 4.2 & 5.0 * MAC OS 8 / 9, OS-X * Linux 2.4 and greater
1.2 Driver Support
Royalty-Free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) * Windows 98, 98SE, ME, 2000, Server 2003, XP. * Windows Vista / Longhorn* * Windows XP 64-bit. * Windows XP Embedded. * Windows CE.NET 4.2 & 5.0 * MAC OS OS-X* * Linux 2.4 and greater
The drivers listed above are all available to download for free from the FTDI website. Various 3rd Party Drivers are also available for various other operating systems - see the FTDI website for details.
* Currently Under Development. Contact FTDI for availability.
* * * *
USB to Serial TTL Level Converter Upgrading Legacy Peripherals to USB Interface Microcontroller UART or I/O to USB Interface FPGA / PLD to USB
1.3 Typical Applications
* * * *
Replace MAX232 type level shifters allowing for direct connection of products to PC via USB USB Instrumentation PC interface USB Industrial Control USB Software / Hardware Encryption Dongles
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0
(c) Future Technology Devices International Ltd. 2006
2. Features and Enhancements of FT232R applicable to TTL-232R
2.1 FT232R Key Features
Page 3
The TTL-232R uses FTDI's FT232RQ USB to serial IC device. This section summarises the key features and enhancements of the FT232RQ which apply to the TTL-232R USB to serial TTL converter cable. For further details, and a full features and enhancements description consult the FT232R datasheet, which is available from the FTDI website. Lower Operating and Suspend Current - The device operating supply current has been further reduced to 15mA, and the suspend current has been reduced to around 70A. This allows greater margin for peripheral devices incorporating the TTL-232R to meet the USB suspend current limit of 500A. Low USB Bandwidth Consumption - The operation of the USB interface to the FT232R IC, and thus the TTL-232R has been designed to use as little as possible of the total USB bandwidth available from the USB host controller. High Output Drive Option - The UART interface I/O pins on the TTL-232R (RXD, TXD, RTS#, and CTS#) are configured to use the FT232R's high output drive option. This option makes the FT232R I.C.'s I/O pins drive out at three times the standard signal drive level thus allowing multiple devices to be driven, or devices that require a greater signal drive strength to be interfaced to the FT232R. This option is enabled in the internal EEPROM. UART Pin Signal Inversion - The sense of each of the eight UART signals can be individually inverted by setting options in the internal EEPROM. Thus, CTS# (active low) can be changed to CTS (active high), or TXD can be changed to TXD#. FTDIChip-IDTM - Each FT232R is assigned a unique number which is burnt into the device at manufacture. This ID number cannot be reprogrammed by product manufacturers or end-users. This allows the possibility of using FT232R based dongles for software licensing. Further to this, a renewable license scheme can be implemented based on the FTDIChip-IDTM number when encrypted with other information. This encrypted number can be stored in the user area of the FT232R internal EEPROM, and can be decrypted, then compared with the protected FTDIChip-IDTM to verify that a license is valid. Web based applications can be used to maintain product licensing this way. An application note describing this feature is available separately from the FTDI website. Improved EMI Performance - The reduced operating current and improved on-chip VCC decoupling significantly improves the ease of PCB design requirements for the FT232R in order to meet FCC, CE and other EMI related specifications. The TTL-232R has passed FCC and CE testing. Programmable Receive Buffer Timeout - The receive buffer timeout is used to flush remaining data from the receive buffer. This time defaults to 16ms, but is programmable over USB in 1ms increments from 1ms to 255ms, thus allowing the device to be optimised for protocols that require fast response times from short data packets. Baud Rates - The TTL-232R supports all standard baud rates and non-standard baud rates from 300 Baud up to 3 Megabaud. Achievable non-standard baud rates are calculated as follows Baud Rate = 3000000 / (n + x) where n can be any integer between 2 and 16,384 ( = 214 ) and x can be a sub-integer of the value 0, 0.125, 0.25, 0.375, 0.5, 0.625, 0.75, or 0.875. When n = 1, x = 0, i.e. baud rate divisors with values between 1 and 2 are not possible. This gives achievable baud rates in the range 183.1 baud to 3,000,000 baud. When a non-standard baud rate is required simply pass the required baud rate value to the driver as normal, and the FTDI driver will calculate the required divisor, and set the baud rate. See FTDI application note AN232B-05 for more details. Extended Operating Temperature Range - The TTL-232R is capable of operating over an extended temperature range of -40 to +85 C thus allowing the device to be used in automotive and industrial applications.
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0
(c) Future Technology Devices International Ltd. 2006
Page 4
Figure 1 - The TTL-232R USB to TTL Serial Converter Cable.
Figure 2 - Inside the USB `A' connector on the TTL-232R.
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0
(c) Future Technology Devices International Ltd. 2006
3. TTL-232R Pin Out and Signal Descriptions
3.1 TTL-232R Pin Out
Page 5
Figure 3 - TTL-232R 6 Way Header Pin Out
3.2 Serial TTL Signal Descriptions
Table 1 - Serial TTL Signals Header pin No.
1 2 3 4 5 6
Name
GND CTS# VCC TXD RXD RTS#
Type
GND Input Output Output Input Output
Colour
Black Brown Red Orange Yellow Green
Description
Device groud supply pin. Clear to Send Control input / Handshake signal. +5V Output Transmit Asynchronous Data output. Receive Asynchronous Data input. Request To Send Control Output / Handshake signal.
4. TTL-232R Parameters
Table 2 - TTL-232R I/O Operating Parameters Parameter
VCC Io T
Description
Output Power Voltage Output Power Current Operating Temperature Range
Min
4.25 -40
Typ
5.0 -
Max
5.25 50 +85
Units
V mA C
Conditions
Dependant on the USB port that the TTL-232R is connected to
Table 3 - TTL-232R I/O Pin Characteristics Parameter
Voh Vol Vin VHys
Description
Output Voltage High Output Voltage Low Input Switching Threshold Input Switching Hysteresis
Min
3.2 0.3 1.3 50
Typ
4.1 0.4 1.6 55
Max
4.9 0.6 1.9 60
Units
V V V mV
Conditions
I source = 6mA I sink = 6mA ** **
Both the FT232RQ I.C. device used and the entire TTL-232R are fully compliant with European Union directive 2002/95/EC.
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0
(c) Future Technology Devices International Ltd. 2006
5. TTL-232R Circuit Schematic
Page 6
Figure 4 shows the TTL-232R circuit schematic. Note that there is an option internal to the cable design which allows for the TTL I/O pins supply voltage to be changed to 3.3V instead of 5V, thus making the TTL-232R suitable for interfacing with 3.3V logic (part number TTL-232R-3V3). Customised versions of these cables are also available. Contact FTDI sales if you are interested in any of these options.
Pull Up Resistorss Not Fitted
Figure 4 - TTL-232R USB to TTL Serial Converter Cable Circuit Schematic
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0 (c) Future Technology Devices International Ltd. 2006
6. Internal EEPROM Configuration
Page 7
Following a power-on reset or a USB reset the FT232R will scan its internal EEPROM and read the USB configuration descriptors stored there. The default values programmed into the internal EEPROM in the FT232RQ used in the TTL232R are shown in Table 2. Table 4 - Default Internal EEPROM Configuration Parameter
USB Vendor ID (VID) USB Product ID (PID) Serial Number Enabled? Serial Number Pull Down I/O Pins in USB Suspend Manufacturer Name Manufacturer ID Product Description Max Bus Power Current Power Source Device Type USB Version
Value
0403h 6001h Yes See Note Disabled FTDI FT TTL232R 90mA Bus Powered FT232R 0200
Notes
FTDI default VID (hex) FTDI default PID (hex)
A unique serial number is generated and programmed into the EEPROM during final test of the TTL-232R module. Enabling this option will make the device pull down on the UART interface lines when the power is shut off (PWREN# is high)
Returns USB 2.0 device descriptor to the host. Note: The device is be a USB 2.0 Full Speed device (12Mb/s) as opposed to a USB 2.0 High Speed device (480Mb/s). RI# pin is not available, so this option has been disabled. Enables the high drive level on the UART and CBUS I/O pins Makes the device load the VCP driver interface for the device. Signal on this pin becomes TXD# if enabled. Signal on this pin becomes RXD# if enabled. Signal on this pin becomes RTS if enabled. Signal on this pin becomes CTS if enabled.
Remote Wake up High Current I/Os Load VCP Driver Invert TXD Invert RXD Invert RTS# Invert CTS#
Disabled Enabled Enabled Disabled Disabled Disabled Disabled
The internal EEPROM in the FT232R can be reprogrammed over USB using the utility program MPROG. MPROG can be downloaded from the FTDI website. Version 2.8a or later is required for the FT232R chip. Users who do not have their own USB Vendor ID but who would like to use a unique Product ID in their design can apply to FTDI for a free block of unique PIDs. Contact FTDI support for this service.
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0
(c) Future Technology Devices International Ltd. 2006
Disclaimer
Copyright (c) Future Technology Devices International Limited , 2006.
Version 0.9 - Initial Datasheet Created December 2005 Version 1.0 - Update May 2006
Page 8
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology Devices International Ltd. will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject to change without notice.
Contact FTDI
Head Office Future Technology Devices International Ltd. 373 Scotland Street, Glasgow G5 8QB, United Kingdom Tel. : +(44) 141 429 2777 Fax. : +(44) 141 429 2758 E-Mail (Sales) : sales1@ftdichip.com E-Mail (Support) : support1@ftdichip.com E-Mail (General Enquiries) : admin1@ftdichip.com Regional Sales Offices Future Technology Devices International Ltd. (Taiwan) 4F, No 16-1, Sec. 6 Mincyuan East Road, Neihu District, Taipei 114, Taiwan, R.o.C. Tel.: +886 2 8791 3570 Fax: +886 2 8791 3576 E-Mail (Sales): tw.sales@ftdichip.com E-Mail (Support): tw.support@ftdichip.com E-Mail (General Enquiries): tw.admin@ftdichip.com Future Technology Devices International Ltd. (USA) 5285 NE Elam Young Parkway, Suite B800 Hillsboro, OR 97124-6499 USA Tel.: +1 (503) 547-0988 Fax: +1 (503) 547-0987 E-Mail (Sales): us.sales@ftdichip.com E-Mail (Support): us.support@ftdichip.com E-Mail (General Enquiries): us.admin@ftdichip.com
Website URL : http://www.ftdichip.com
TTL-232R USB to TTL Serial Converter Cable Datasheet Version 1.0 (c) Future Technology Devices International Ltd. 2006


▲Up To Search▲   

 
Price & Availability of TTL-232R-3V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X